|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SPEC NO : SPECIFICATION CUSTOMER PRODUCT MODEL NO PREPARED APPROVED CHARLES SAW FILTER HDBF07009A24 CHECKED Houshihong D A T E 2007-01-25 CUSTOMER RECEIVED: CHECKED APPROVED DATE Shoulder Electronics Limited www.shoulder.cn Tel:0755-82916880 Fax:0755-82916881 E-mail:info@shoulder.cn Page 1 of 8 SAW FILTER HDBF07009A24 History Record Date Spec No Part No Customer No Modify Content Remark www.shoulder.cn Tel:0755-82916880 Fax:0755-82916881 E-mail:info@shoulder.cn Page 2 of 8 SAW FILTER 1. SCOPE This specification shall cover the characteristics of SAW filter with the page system. HDBF07009A24 HDBF07009A24 used for 2. ELECTRICAL SPECIFICATION DC Voltage VDC AC Voltage Vpp Operation temperature Storage temperature RF Power Dissipation 10V 10V50Hz/60Hz -20 to +70 -40 to +85 0dBm Electronic Characteristics Fo = 70.0 MHz Terminating source impedance: 50 ohm and matching network Terminating load impedance: 50 ohm and matching network Minimum Center Frequency Insertion Loss 1dB Bandwidth 3dB Bandwidth 40dB Bandwidth Amplitude Ripple (Fo +/- 4.0 MHz) Group Delay Variation (Fo +/- 4.0 MHz) Absolute Delay Ultimate Rejection Temperature Coefficient of Frequency MHz dB MHz MHz MHz dB nsec usec dB ppm/C 69.8 8.2 8.9 40 - Typical 70.0 10.8 8.3 9.0 11.5 0.6 70 1.47 45 -86 Maximum 70.2 12.0 11.8 1.0 120 - www.shoulder.cn Tel:0755-82916880 Fax:0755-82916881 E-mail:info@shoulder.cn Page 3 of 8 SAW FILTER HDBF07009A24 www.shoulder.cn Tel:0755-82916880 Fax:0755-82916881 E-mail:info@shoulder.cn Page 4 of 8 SAW FILTER HDBF07009A24 www.shoulder.cn Tel:0755-82916880 Fax:0755-82916881 E-mail:info@shoulder.cn Page 5 of 8 SAW FILTER HDBF07009A24 www.shoulder.cn Tel:0755-82916880 Fax:0755-82916881 E-mail:info@shoulder.cn Page 6 of 8 SAW FILTER 3. TEST CIRCUIT HDBF07009A24 4.DIMENSION Pin Configuration 11 Input 5 Output Other Ground Dimension A B C D E H P min 13.1 6.3 1.21 0.72 mm typ 13.3 6.5 1.36 1.5 0.8 0.76 2.54 max 13.5 6.7 1.51 0.80 www.shoulder.cn Tel:0755-82916880 Fax:0755-82916881 E-mail:info@shoulder.cn Page 7 of 8 SAW FILTER 5. ENVIRONMENTAL CHARACTERISTICS HDBF07009A24 5-1 Temperature cycling Subject the device to a low temperature of -40for 30 minutes. Following by a high temperature of +25 for 5 Minutes and a higher temperature of +85 for 30 Minutes. Then release the device into the room conditions for 1 to 2 hours prior to the measurement. It shall meet the specifications in table 1. 5-2 Resistance to solder heat Submerge the device terminals into the solder bath at 260 5 for 101 sec. Then release the device into the room conditions for 4 hours. It shall meet the specifications in table 1. 5-3 Solderability Submerge the device terminals into the solder bath at 245 5 for 5s, More than 95% area of the soldering pad must be covered with new solder. It shall meet the specifications in table 1. 5-4 Mechanical shock Drop the device randomly onto the concrete floor from the height of 1 m 3 times. the filter shall fulfill the specifications in table 1. 5-5 Vibration Subject the device to the vibration for 2 hour each in x,y and z axes with the amplitude of 1.5 mm at 10 to 55 hz. The filter shall fulfill the specifications in table 1. 6. REMARK 6.1 Static voltage Static voltage between signal load & ground may cause deterioration &destruction of the component. Please avoid static voltage. 6.2 Ultrasonic cleaning Ultrasonic vibration may cause deterioration & destruction of the component. Please avoid ultrasonic cleaning 6.3 Soldering Only leads of component may be soldered. Please avoid soldering another part of component. www.shoulder.cn Tel:0755-82916880 Fax:0755-82916881 E-mail:info@shoulder.cn Page 8 of 8 |
Price & Availability of HDBF07009A24 |